PART |
Description |
Maker |
PSD401A2-20U PSD411A2-20J PSD413A2-20J PSD402A2-20 |
30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; JANS Certified version of the IRHNA57Z60 with optional Total Dose Rating of 1000kRads -200V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-1 package; Similar to IRHN9250 with optional Total Dose Rating of 300kRads 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-0.5 package; A IRHNJ7230 with Standard Packaging 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-257AA package; Similar to IRHY57230CM with optional Total Dose Rating of 1000kRads 500V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package; Similar to IRHM7450 with optional Total Dose Rating of 1000kRads 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package; Similar to IRHM57Z60 with optional Total Dose Rating of 300kRads 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; Similar to IRHLNA77064 with Optional Total Dose Rating of 300kRads 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package; Similar to IRHF7130 with optional Total Dose Rating of 1000kRads -100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-1 package; A IRHN9130 with Standard Packaging 600V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-254AA package; Similar to IRHM7C50SE with optional Total Dose Rating of 50kRads 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; A IRHNA57Z60 with Standard Packaging -100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a 18-pin LCC package; Similar to IRHE9130 with optional Total Dose Rating of 300kRads Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator; Qualified Part Number similar to OM1325SMM 200V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-254AA Tabless package; A IRHMK57260SE with Standard Packaging 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package; Similar to IRHF7230 with optional Total Dose Rating of 1000kRads 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254 Low-Ohmic package; JANS Certified version of the IRHMS57064 with optional Total Dose Rating of 500kRads 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package; Similar to IRHN7150 with optional Total Dose Rating of 1000kRads 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; Similar to IRHNA7064 with optional Total Dose Rating of 1000kRads 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a Low Ohmic TO-254AA package. Also available in 300, 600 and 1000kRad.; Similar to IRHMS57160 with optional Total Dose Rating of 1000kRads 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package; JANS Certified version of the IRHN7150 with optional Total Dose Rating of 500kRads 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-0.5 package. Also available with Total Dose Rating of 300kRads.; A IRHNJ67130 with Standard Packaging 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package; Similar to IRHN7250 with optional Total Dose Rating of 1000kRads -100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-0.5 package; Similar to IRHNJ9130 with optional Total Dose Rating of 300kRads 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-257AA package; Similar to IRHY57230CM with optional Total Dose Rating of 500kRads 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-0.5 package; Similar to IRHNJ7230 with optional Total Dose Rating of 300kRads 250V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-0.5 package. Also available with Total Dose Rating of 300kRads.; A IRHNJ67234 with Standard Packaging 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; Similar to IRHNA57160 with optional Total Dose Rating of 1000kRads 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a 18-pin LCC package; JANS Certified version of the IRHE7130 with optional Total Dose Rating of 500kRads -200V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a 18-pin LCC package; A IRHE9230 with Standard Packaging 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package; A IRHM7250 with Standard Packaging 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a 18-pin LCC package; A IRHE7230 with Standard Packaging 200V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-205AF package; A IRHF57230SE with Standard Packaging -100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-254AA package; A IRHMS597160 with Standard Packaging 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a 18-pin LCC package; Similar to IRHE7230 with optional Total Dose Rating of 1000kRads 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; Similar to IRHNA57160 with optional Total Dose Rating of 500kRads 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package; Similar to IRHM7260 with optional Total Dose Rating of 1000kRads 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-257AA package; JANS Certified version of the IRHY7230CM with optional Total Dose Rating of 1000kRads 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package; Similar to IRHF7130 with optional Total Dose Rating of 300kRads 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-3 package; Similar to IRHNB7064 with optional Total Dose Rating of 1000kRads 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package; Similar to IRHMB57Z60 with optional Total Dose Rating of 300kRads -100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-1 package; Similar to IRHN9150 with optional Total Dose Rating of 300kRads 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package; Similar to IRHN7130 with optional Total Dose Rating of 1000kRads -200V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-257AA package; A IRHY9230CM with Standard Packaging 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package; Similar to IRHF7110 with optional Total Dose Rating of 500kRads 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package; Similar to IRHM7054 with optional Total Dose Rating of 1000kRads 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-257AA package; JANS Certified version of the IRHY7130CM -200V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-2 package; Similar to IRHNA9260 with optional Total Dose Rating of 300kRads 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a Low-Ohmic TO-254AA package. Also available with Total Dose Rating of 300kRads.; Similar to IRHMS67260 with optional Total Dose Rating of 300kRads 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package; JANS Certified version of the IRHM7054 with optional Total Dose Rating of 1000kRads Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator; A OM1322SMM with Standard Packaging -60V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a Low-Ohmic TO-254AA package; A IRHMS597064 with Standard Packaging 现场可编程外 -200V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-254AA package; A IRHMS597260 with Standard Packaging 现场可编程外 -100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-205AF package; A IRHF597130 with Standard Packaging 现场可编程外 -200V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-205AF package; A JANSR2N7390 with Standard Packaging 现场可编程外 -200V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-2 package; A JANSR2N7426U with Standard Packaging 现场可编程外 Field-Programmable Peripheral 现场可编程外 250V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a Low-Ohmic TO-257AA package. Also available with Total Dose Rating of 300kRads.; A IRHYS67234CM with Standard Packaging 现场可编程外 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; Similar to IRHNA57Z60 with optional Total Dose Rating of 300kRads 现场可编程外 -30V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a Low-Ohmic TO-254AA package; A IRHMS597Z60 with Standard Packaging 现场可编程外
|
Fluke, Corp. 飞思卡尔半导体(中国)有限公司 Cypress Semiconductor, Corp. STMicroelectronics N.V. AMIC Technology, Corp. Bourns, Inc.
|
IRHY597034CM IRHY593034CM |
-60V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-257AA package -60V 300kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-257AA package
|
International Rectifier
|
IRHE57034 IRHE53034 |
60V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a 18-pin LCC package 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a 18-pin LCC package
|
International Rectifier
|
OM6017SA OM6018SA OM6019SA OM6020SA OM6019SW OM602 |
200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 500V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V单N沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Microsemi, Corp.
|
IRFV064 |
60V Single N-Channel Hi-Rel MOSFET in a TO-258AA package HEXFET TRANSISTOR, N-CHANNEL
|
International Rectifier
|
IRHM54064SCS |
60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package
|
International Rectifier
|
IRHNJ57034 |
60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-0.5 package
|
International Rectifier
|
PSR54-9P PSA55-9R PSA55-7I PSR53-7R PSR53-9P PSR53 |
60V Single N-Channel Hi-Rel MOSFET in a TO-204AE package; A IRF054 with Standard Packaging Analog IC Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to the iP2003A in Tape and Reel packaging. 500V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI460 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY340CM with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; Tape and Reel version of the iP2002 -100V Single P-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE9110 with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; A IP2002 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6845 with Standard Packaging 模拟IC Dual Output Full Function 2 Phase Synchronous Buck Power Block, Integrated Power Semiconductors, PWM Controller and Passives.; A IP1202 with Standard Packaging 模拟IC
|
TE Connectivity, Ltd.
|
OM6050SJ OM6051SJ OM6052SJ OM6053SJ OM6054SJ OM605 |
High Current, High Voltage 1000V , 10 Amp N-Channel, MOSFET, High Energy Capability(大电流,高电压,1000V , 10A,N沟道,MOS场效应管(高能容量)) 高电流,高电000V0安培N沟道,MOSFET的高能能力(大电流,高电压,1000V0A条,沟道来说,MOS场效应管(高能容量) HIGH CURRENT MOSFET IN ISOLATED, TO-267 HERMETIC PACKAGE, SIZE 7 DIE, LOW RDS(on) 500V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 600V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 200V Single N-Channel Hi-Rel MOSFET in a TO-267AA package
|
International Rectifier
|